Part Number Hot Search : 
TB106 AD7729 170M6342 DZ13B 1N4082 D44H11 015020 AD7545TQ
Product Description
Full Text Search
 

To Download KBPC1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. KBPC10005 THRU KBPC1010
SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 10A
FEATURES
* Surge overload rating: 200A peak * High case dielectric strength * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
KBPC10
MECHANICAL DATA
* Terminal: Plated leads solderable per MIL-STD 202E, method 208C * Case: UL-94 Class V-O recognized flame retardant epoxy * Polarity: Polarity symbol marked on body * Mounting position: Hole thru for #6 screw
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Tc=50oC) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at forward current 5.0A DC) Maximum DC Reverse Current Ta=25oC (at rated DC blocking voltage) Operating Temperature Range Storage Temperature Ta=100 C
o
SYMBOL
VRRM VRMS VDC IF(AV) IFSM VF IR TJ TSTG
KBPC KBPC KBPC KBPC KBPC KBPC KBPC UNITS 10005 1001 1002 1004 1006 1008 1010 50 100 200 400 600 800 1000 V 35 70 140 280 420 560 700 V 50 100 200 400 600 800 1000 V
10.0 200 1.1 10.0 500 -55 to +125 -55 to +150 A A V A A
o o
C C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of KBPC1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X